Part Number Hot Search : 
RT1P136U DECODER GS150404 IRFU014 VA4ASG 66BGC ALZ12B48 MAX14801
Product Description
Full Text Search
 

To Download 801-99-016-66-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 800
28
PCB connectors 2.54 mm Single row / double row Press-fit
Receptacles connectors, press-fit Receptacles accept square pins s 0.635 mm, and round pins 0.70-0.80 mm With compliant pin for solderless mount into PCB plated-thru holes 1 mm + 0.09/- 0.06 mm For corresponding connectors see pages 30 to 35 New version with modified eye of the needle pin
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 803-93-xxx-65-001 for a double row version with 8 pins per row becomes: 803-93-016-65-001 (Older versions 801/803-..-...-61/62/63-001 please consult)
for PCB thickness 1.5 to 2.0 mm D = 2.80 mm 801-91-xxx-65-001 801-93-xxx-65-001 801-99-xxx-65-001 for PCB thickness 2.1 to 3.2 mm D = 3.80 mm 801-91-xxx-66-001 801-93-xxx-66-001 801-99-xxx-66-001 for PCB thickness 1.5 to 2.0 mm D = 2.80 mm 803-91-xxx-65-001 803-93-xxx-65-001 803-99-xxx-65-001 for PCB thickness 2.1 to 3.2 mm D = 3.80 mm 803-91-xxx-66-001 803-93-xxx-66-001 803-99-xxx-66-001
Press-fit receptacle: single row Availability from: 1 to 50 contacts Standard number of contacts 24, 28, 29, 30, 36, 42, 48, 50 New version with modified eye of the needle pin
Press-fit receptacle: double row Availability from: 4 to 100 contacts Standard number of contacts 72 and 100 New version with modified eye of the needle pin


▲Up To Search▲   

 
Price & Availability of 801-99-016-66-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X